Part Number Hot Search : 
TSOP2137 5KP70A U631H64 TDA7285D HT45R PAT0510 01140 D882L
Product Description
Full Text Search
 

To Download SDR66DRJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CTJ Thru SDR626DRJ
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
Features:
* * * * * * * * * * Hyper Fast Recovery: 35nsec Maximum 3/ High Surge Rating Low Reverse Leakage Current Low Junction Capacitance Isolated Hermetically Sealed Package Gold Eutectic Die Attach Ultrasonic Aluminum Wire Bonds Availabl e in Common Anode, Common Cathode, Doubler, and Doubler Reverse Configurations Custom Lead Forming Available TX, TXV, and S-Level Screening Available 2/
Designer's Data Sheet
Part Number/Ordering Information 1/ SDR62 __ __ __ __ __
| | || | + Screening 2/ __ = Not Screened | || TX = TX Level || || TXV = TXV Level || | S = S Level ||| | | + Leg Bend Option || | (See Figure 1) || + || Package J = TO-257(J) || Configuration CT = Common Cathode, | | + CA = Common Anode, D = Doubler, | DR = Doubler Reverse + Voltage 3 = 300V, 4 = 400V, 5 = 500V, 6 = 600V
Maximum Ratings
SDR623__J SDR624__J SDR625__J SDR626__J
Symbol
VRRM VRWM VR Io IFSM TOP & TSTG R JC
Value
300 400 500 600 40 200 -65 to +175 1.0 2.1
Units
Peak Repetitive Reverse Voltage
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TA = 25 C) 4/ Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25 C) Operating & Storage Temperature Maximum Total Thermal Resistance Junction to Case 4/ Junction to Case 5/
5/
Amps Amps C C/W
Notes: 1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screened to MIL-PRF-19500. 3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to .25 Amp. 4/ Both Legs Tied Together. 5/ Per Leg.
TO-257(J)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0051D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SDR623CTJ Thru SDR626DRJ
Symbol
TA = 25 C TA = 25 C TA = 100 C TA = -55 C TA = 25 C TA = 100 C VF1 VF2 VF3 VF4 IR1 IR2 tRR CJ
Electrical Characteristics, per leg
Instantaneous Forward Voltage Drop (IF = 10Adc, Pulse) (IF = 20Adc, Pulse) Instantaneous Forward Voltage Drop (IF = 10Adc, Pulse) Reverse Leakage Current (100% of rated VR, Pulse) Reverse Recovery Time (IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25C) Junction Capacitance (VR = 10VDC, T A = 25C, f = 1MHz)
Max
1.4 1.7 1.3 1.5 50 5 35 150
Units
VDC VDC A m nsec pF
Figure 1- Optional Lead Bends Code CT CA D DR Suffix JDB TO-257(J) Outline: Suffix JUB
PIN ASSIGNMENT FUNCTION Common Cathode Common Anode Doubler Doubler Reverse Pin 1 Anode1 Cathode1 Cathode Anode Pin 2 Cathode Anode Common Common Pin 3 Anode2 Cathode2 Anode Cathode
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0051D
DOC


▲Up To Search▲   

 
Price & Availability of SDR66DRJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X